전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T89C51AC2-SLSIM 데이터시트(PDF) 92 Page - ATMEL Corporation

부품명 T89C51AC2-SLSIM
상세설명  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSIM 데이터시트(HTML) 92 Page - ATMEL Corporation

Back Button T89C51AC2-SLSIM Datasheet HTML 88Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 89Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 90Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 91Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 92Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 93Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 94Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 95Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
92
A/T89C51AC2
4127G–8051–05/06
Table 65. ADCLK Register
ADCLK (S:F2h)
ADC Clock Prescaler
Reset Value = XXX0 0000b
Table 66. ADDH Register
ADDH (S:F5h Read Only)
ADC Data High Byte Register
Reset Value = 00h
Table 67. ADDL Register
ADDL (S:F4h Read Only)
ADC Data Low Byte Register
Reset Value = 00h
76
54
32
1
0
-
-
-
PRS 4
PRS 3
PRS 2
PRS 1
PRS 0
Bit
Number
Bit
Mnemonic
Description
7-5
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
4-0
PRS4:0
Clock Prescaler
fADC = fcpu clock/ (4 (or 2 in X2 mode)* PRS )
76
54
32
1
0
ADAT 9
ADAT 8
ADAT 7
ADAT 6
ADAT 5
ADAT 4
ADAT 3
ADAT 2
Bit
Number
Bit
Mnemonic
Description
7-0
ADAT9:2
ADC result
bits 9-2
76
54
32
1
0
-
-
-
-
-
-
ADAT 1
ADAT 0
Bit
Number
Bit
Mnemonic
Description
7-2
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
1-0
ADAT1:0
ADC result
bits 1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com