전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T89C51AC2-SLSIM 데이터시트(PDF) 24 Page - ATMEL Corporation

부품명 T89C51AC2-SLSIM
상세설명  Enhanced 8-bit Microcontroller with 32 KB Flash Memory
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51AC2-SLSIM 데이터시트(HTML) 24 Page - ATMEL Corporation

Back Button T89C51AC2-SLSIM Datasheet HTML 20Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 21Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 22Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 23Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 24Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 25Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 26Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 27Page - ATMEL Corporation T89C51AC2-SLSIM Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 121 page
background image
24
A/T89C51AC2
4127G–8051–05/06
Internal Space
Lower 128 Bytes RAM
The lower 128 Bytes of RAM (see Figure 11) are accessible from address 00h to 7Fh
using direct or indirect addressing modes. The lowest 32 Bytes are grouped into 4
banks of 8 registers (R0 to R7). Two bits RS0 and RS1 in PSW register (see Figure 18)
select which bank is in use according to Table 16. This allows more efficient use of code
space, since register instructions are shorter than instructions that use direct address-
ing, and can be used for context switching in interrupt service routines.
Table 16. Register Bank Selection
The next 16 Bytes above the register banks form a block of bit-addressable memory
space. The C51 instruction set includes a wide selection of single-bit instructions, and
the 128 bits in this area can be directly addressed by these instructions. The bit
addresses in this area are 00h to 7Fh.
Figure 12. Lower 128 Bytes Internal RAM Organization
Upper 128 Bytes RAM
The upper 128 Bytes of RAM are accessible from address 80h to FFh using only indirect
addressing mode.
Expanded RAM
The on-chip 1024 Bytes of expanded RAM (XRAM) are accessible from address 0000h
to 03FFh using indirect addressing mode through MOVX instructions. In this address
range, the bit EXTRAM in AUXR register is used to select the XRAM (default) or the
XRAM. As shown in Figure 11 when EXTRAM = 0, the XRAM is selected and when
EXTRAM = 1, the XRAM is selected.
The size of XRAM can be configured by XRS1-0 bit in AUXR register (default size is
1024 Bytes).
Note:
Lower 128 Bytes RAM, Upper 128 Bytes RAM, and expanded RAM are made of volatile
memory cells. This means that the RAM content is indeterminate after power-up and
must then be initialized properly.
RS1
RS0
Description
0
0
Register bank 0 from 00h to 07h
0
1
Register bank 0 from 08h to 0Fh
1
0
Register bank 0 from 10h to 17h
1
1
Register bank 0 from 18h to 1Fh
Bit-Addressable Space
4 Banks of
8 Registers
R0-R7
30h
7Fh
(Bit Addresses 0-7Fh)
20h
2Fh
18h
1Fh
10h
17h
08h
0Fh
00h
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com