전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BL702/704/706 데이터시트(PDF) 43 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

부품명 BL702/704/706
상세설명  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
홈페이지  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702/704/706 데이터시트(HTML) 43 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702/704/706 Datasheet HTML 39Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 40Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 41Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 42Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 43Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 44Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 45Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 46Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702/704/706 Datasheet HTML 47Page - Bouffalo Lab Intelligent Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
BL702/704/706 Datasheet
Table 11.1: QFN48 Size Description(Units Of Measure=Millimeter)
SYMBOL
MIN
NOM
MAX
A3
0.20REF
b
0.15
0.20
0.25
D
5.90
6.00
6.10
E
5.90
6.00
6.10
D2
4.30
4.40
4.50
E2
4.30
4.40
4.50
e
0.30
0.40
0.50
H
0.35REF
K
0.30
0.40
0.50
L
0.30
0.40
0.50
R
0.075
-
-
BL702/704/706 Datasheet
43/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47