전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F 데이터시트(PDF) 65 Page - Texas Instruments

부품명 TMS320F
상세설명  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320F 데이터시트(HTML) 65 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 61Page - Texas Instruments TMS320F Datasheet HTML 62Page - Texas Instruments TMS320F Datasheet HTML 63Page - Texas Instruments TMS320F Datasheet HTML 64Page - Texas Instruments TMS320F Datasheet HTML 65Page - Texas Instruments TMS320F Datasheet HTML 66Page - Texas Instruments TMS320F Datasheet HTML 67Page - Texas Instruments TMS320F Datasheet HTML 68Page - Texas Instruments TMS320F Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 389 page
background image
5-1
Program Control
This chapter discusses the processes and features involved in controlling the
flow of a program on the ’C24x.
Program control involves controlling the order in which one or more blocks of
instructions are executed. Normally, the flow of a program is sequential; the
’C24x executes instructions at consecutive program-memory addresses. At
times, a program must branch to a nonsequential address and then execute
instructions sequentially at that new location. For this purpose, the ’C24x sup-
ports branches, calls, returns, repeats, and interrupts.
Topic
Page
5.1
Program-Address Generation
5-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Pipeline Operation
5-7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.3
Branches, Calls, and Returns
5-8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.4
Conditional Branches, Calls, and Returns
5-10
. . . . . . . . . . . . . . . . . . . . . .
5.5
Repeating a Single Instruction
5-14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.6
Interrupts
5-15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7
CPU Interrupt Registers
5-17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Chapter 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More