전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF51802-QFAA-R 데이터시트(PDF) 74 Page - Nordic Semiconductor

부품명 NRF51802-QFAA-R
상세설명  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51802-QFAA-R 데이터시트(HTML) 74 Page - Nordic Semiconductor

Back Button NRF51802-QFAA-R Datasheet HTML 70Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 71Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 72Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 73Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 74Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 75Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 76Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 77Page - Nordic Semiconductor NRF51802-QFAA-R Datasheet HTML 78Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
Page 74
nRF51802 Product Specification v1.2
11.3.1.1
Bill of Materials
Table 79 QFAA QFN48 with internal LDO setup
Designator
Value
Description
Footprint
C1, C2, C13, C14
12 pF
Capacitor, NP0, ±2%
0402
C3
2.2 nF
Capacitor, X7R, ±10%
0402
C4
0.8 pF
Capacitor, NP0, ±5%
0402
C5
2.2 pF
Capacitor, NP0, ±0.1 pF
0402
C6
1.5 pF
Capacitor, NP0, ±0.1 pF
0402
C7, C8, C11
100 nF
Capacitor, X7R, ±10%
0402
C9
1.0 nF
Capacitor, X7R, ±10%
0402
C10
47 nF
Capacitor, X7R, ±10%
0402
L1
5.6 nH
High frequency chip inductor ±5%
0402
L2
10 nH
High frequency chip inductor ±5%
0402
L3
3.3 nH
High frequency chip inductor ±5%
0402
U1
nRF51802-QFAA
RF SoC
QFN-48
X1
16 MHz
Crystal SMD 2520, 16 MHz, 8 pF, ±40 ppm
SMD 2520
X2
32.768 kHz
Crystal SMD 3215, 32.768 kHz, 9 pF, ±20 ppm
SMD 3215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85