| 전자부품 데이터시트 검색엔진 |
|
NRF51802-QFAA-R 데이터시트(PDF) 81 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51802-QFAA-R 데이터시트(HTML) 81 Page - Nordic Semiconductor |
|
81 / 85 page ![]() Page 81 nRF51802 Product Specification v1.2 11.4.2 QCAA QFN32 schematic with low voltage mode setup Figure 23 QCAA QFN32 with low voltage mode setup Note: For PCB reference layouts, see the Reference Layout section in our Infocenter. C1 12pF C2 12pF C3 2.2nF C4 1.0pF C9 1.0nF C8 100nF C10 47nF C11 100nF P0.17 P0.00 P0.02 P0.03 P0.04 P0.06 GND L1 5.6nH L2 10nH L3 2.7nH C6 1.5pF C14 12pF C13 12pF X2 32.768kHz Optional VDD 1 VDD 8 VDD_PA 19 ANT1 20 ANT2 21 VSS 22 VSS 23 AVDD 24 nRF51802 DCC 2 P0.00 3 P0.02 4 P0.03 5 P0.04 6 P0.06 7 P0.17 17 DEC2 18 U1 nRF51802-QCAA C7 100nF VCC_1V8 VCC_1V8 VCC_1V8 VCC_1V8 X1 16MHz C5 3.9pF |