| 전자부품 데이터시트 검색엔진 |
|
HT2MOA3S20/E/1 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HT2MOA3S20/E/1 데이터시트(HTML) 6 Page - NXP Semiconductors |
|
6 / 22 page ![]() Specifications of the HT2 MOA3 S20 Rev. 1.1 1997-08-19 Ht2moa3.doc/HS Page 6 of 22 2.6 Electrical Specifications Symbol min typ max Comment / Conditions Absolute Maximum Ratings Junction Temperature TJ -55°C 140°C Input Peak Current I INpeak 30 mA Latch up Current 100 mA MIL-STD 883D, Method 3023 ESD 2 kV MIL-STD 883D, Method 3015.7, Human Body Operating Range Temperature T A -40°C 85°C RThJunctionAmbient ≤ 30 K/W @ IINpeak = 30 mA Input Read Only Threshold Voltage 1) 3) VIN,RO 2,8 Vp 3,9 Vp start modulation in read only modes Input Threshold Voltage 1) 3) VIN,TH 3,1 Vp 4,2 Vp start modulation after SETCC Input Read Voltage 1) 3) VIN,RD 3,5 Vp 4,5 Vp read E²PROM Input Write Voltage 1) 3) VIN,WR 3,7 Vp 4,7 Vp write E²PROM Demodulator Range 3) VDEM_R 2,0 Vp 4,0 Vp VINHigh - VINLow @ VINHigh = 5,0 Vp T0=8 µs, TMOD=6*T0 2) Modulator R_MOD linear 3) RMODL 4,5 k Ω V INLow ≤ 2,0 V p R_MOD nonlinear 3) RMODNL 3,6 k Ω V INLow ≥ 2,0 V p Resonance Capacitor 3) CResInit 189 pF 210 pF 231 pF VIN = 4,0 Vp EEPROM Write Current 4) IW 25 µA VDD = 2,8 V Read Current 4) IR 9 µA VDD = 2,8 V Data Retention Years 10 @ 55°C Write Endurance Cycles 100.000 1) V IN = V IN1 − V IN2 ... voltage between connection pads 2) VINHigh input voltage before modulation VINLow input voltage during modulation TMOD duration of the modulation 3) @ Ri = 10 k Ω resistance of measurement equipment 4) tested on silicon level |