전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT2MOA3S20/E/1 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 HT2MOA3S20/E/1
상세설명  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/1 데이터시트(HTML) 3 Page - NXP Semiconductors

  HT2MOA3S20/E/1 Datasheet HTML 1Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 2Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 3Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 4Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 5Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 6Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 7Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 8Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 3 of 22
1 Definitions
1.1 Objective of the Specifications
This specification lists the parameters to be fulfilled by the HITAG 2 chip module
HT2 MOA3 S20 for contactless smart cards or similar transponders (as e.g. discs).
1.2 Definition of the Chip Module
A chip module is an electronically packaged chip covered with a globe top cap. The
HT2 MOA3 S20 is above all used as card module, i.e. for further lamination into contactless
smart cards according to ISO 10536.1.
So the HITAG 2 chip module HT2 MOA3 S20 is best suited for customers that do not want to
spend time with micro assembly and therefore start - e.g. ISO card production - with the
HITAG 2 chip module.
1.3 Use of the Modules
The HITAG 2 modules are designed to be connected to a coil and then to be further processed by
packaging into a transponder (e.g. lamination into an ISO smart card). Specific processing
information for the coil-module connection and packaging is given in the specification.
For production of contactless chip cards it is recommended to prepunch card foils to create a
recess for the chip module in the card body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22