전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT2MOA3S20/E/1 데이터시트(PDF) 14 Page - NXP Semiconductors

부품명 HT2MOA3S20/E/1
상세설명  HITAGTM2 Chip Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT2MOA3S20/E/1 데이터시트(HTML) 14 Page - NXP Semiconductors

Back Button HT2MOA3S20/E/1 Datasheet HTML 10Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 11Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 12Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 13Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 14Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 15Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 16Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 17Page - NXP Semiconductors HT2MOA3S20/E/1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Specifications of the HT2 MOA3 S20
Rev. 1.1
1997-08-19
Ht2moa3.doc/HS
Page 14 of 22
5.2.2 Status Flow
After entering the RF-field the transponder waits for a command to start the authentication.
After issuing this command the mutual authentication takes place, followed by read- and write
commands.
In password mode the data transfer occurs plain, in crypto mode data are encrypted.
The halt mode can be entered for muting a transponder.
If the transponder is configured in one of the public modes, these modes are entered automatically
after a certain waiting time and data pages are sent cyclically to the read/write device.
By issuing the command to start the authentication during the waiting time also public mode
transponders can be brought into the authorized state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22