| 전자부품 데이터시트 검색엔진 |
|
USB97C201 데이터시트(PDF) 25 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C201 데이터시트(HTML) 25 Page - SMSC Corporation |
|
25 / 59 page ![]() SMSC USB97C201 Page 25 Rev. 11-05-03 DATASHEET Table 16 – GPIO Interrupt Mask Register GPIO_MSK (0x9C- RESET=0xFF) GPIO INTERRUPT MASK REGISTER BIT NAME R/W DESCRIPTION 7 GPIO7_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051. 6 GPIO6_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051.. 5 GPIO5_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 4 GPIO4_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 3 GPIO3_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 2 GPIO2_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 1 GPIO1_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... 0 GPIO0_MSK R/W 1 = Prevents a high in the corresponding bit in the GPIO_IRQ register from generating an interrupt on the INT4 input to the 8051... |