전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB97C201 데이터시트(PDF) 26 Page - SMSC Corporation

부품명 USB97C201
상세설명  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 데이터시트(HTML) 26 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 22Page - SMSC Corporation USB97C201 Datasheet HTML 23Page - SMSC Corporation USB97C201 Datasheet HTML 24Page - SMSC Corporation USB97C201 Datasheet HTML 25Page - SMSC Corporation USB97C201 Datasheet HTML 26Page - SMSC Corporation USB97C201 Datasheet HTML 27Page - SMSC Corporation USB97C201 Datasheet HTML 28Page - SMSC Corporation USB97C201 Datasheet HTML 29Page - SMSC Corporation USB97C201 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
SMSC USB97C201
Page 26
Rev. 11-05-03
DATASHEET
Table 17 - Utility Configuration Register
UTIL_CONFIG
(9D RESET=0x00)
UTILITY CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7
SRAMSW
R/W
1 = The 768 byte SRAM is located at 0x0400-
0x06FF in the Code Space, instead of
external Memory.
0 = The 768 byte SRAM is located at 0x0400-
0x06FF in the XDATA space.
6
Reserved
R/W
Reserved. This bit should never be written to
a “1”.
5
GPIO0_TOG
R/W
1 = GPIO0 Output Auto Toggle enabled.
0 = Disabled, normal operation occurs.
4
GPIO4/nWE
R/W
GPIO4/SOF Output Select Mux
0 = GPIO4
1 = The IDE_nIOW signal is output.
3
GPIO3/T1
R/W
P3.5 Timer 1 input trigger source
0 = GPIO3
1 = TBD
2
GPIO2/T0
R/W
P3.4 Timer 0 input trigger source
0 = GPIO2
1 = TBD
1
GPIO1/TXD
R/W
GPIO1/TXD Output Select Mux
0 = GPIO1
1 = P3.1
0
GPIO0/RXD
R/W
P3.0 RXD/GPIO0 Input Select Mux
0 = RXD<=GPIO0
1 = RXD<='0'
Note 1: GPIO0, when used as an output, will automatically toggle with 1second period and 50% duty cycle if
GPIO0_TOG is high.
Table 18 – SRAM Data Port Register
SRAM_DATA
(0x9F- RESET=0x00)
SRAM DATA PORT
REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
SRAM_DATA
[7:0]
R/W
Data to be read or written
from/to the buffer SRAM. The
address
of
the
data
is
determined
by
the
SRAM_ADD1/2 registers. Data
to be written will be done so
upon write of this register. While
reads of the register always
reflects the data at the memory
location.
Note: a delay equal to at least
one NOP must exist between
setting the address in the
SRAM_ADDx
registers
and
reading or writing this register.
No delay is required in auto-
increment operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com