전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB97C201 데이터시트(PDF) 51 Page - SMSC Corporation

부품명 USB97C201
상세설명  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 데이터시트(HTML) 51 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 47Page - SMSC Corporation USB97C201 Datasheet HTML 48Page - SMSC Corporation USB97C201 Datasheet HTML 49Page - SMSC Corporation USB97C201 Datasheet HTML 50Page - SMSC Corporation USB97C201 Datasheet HTML 51Page - SMSC Corporation USB97C201 Datasheet HTML 52Page - SMSC Corporation USB97C201 Datasheet HTML 53Page - SMSC Corporation USB97C201 Datasheet HTML 54Page - SMSC Corporation USB97C201 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
SMSC USB97C201
Page 51
Rev. 11-05-03
DATASHEET
RAMWR_A=0
RAMWR_B=0
RAMWR_
TOGGLE=0?
Yes
No
Yes
A
SRAM Data
Received?
Yes
No
No
RAMWR_A=1
RAMWR_B=0
RAMWR_
TOGGLE=1
RAMWR_A=0
RAMWR_B=1
RAMWR_
TOGGLE=0
B
SRAM Data
Received?
A
SRAM Data
Received?
Yes
Yes
No
No
RAMWR_A=1
RAMWR_B=1
(IN FLOW CONTROL
ACTIVE)
RAMWR_
TOGGLE=0?
Yes
No
B
SRAM Data
Received?
POR
No
A Buffer Output
Completed?
No
B Buffer Output
Completed?
Yes
Yes
CLEAR
RAMWR_A
CLR
RAMWR_B
A Buffer Output
Completed?
No
Yes
B Buffer Output
Completed?
CLR RAMWR_B;
Yes
No
RAMWR_TOGGLE=1;
(IN FLOW CONTROL
OFF)
CLR RAMWR_A;
CLR
RAMWR_TOGGLE;
(IN FLOW CONTROL OFF)
FIGURE 3 - RECEIVE BUFFER OPERATION
Trapezoidal shapes indicate actions performed by the firmware. The hardware state machine is responsible for
automatically changing the state of RAMWR_TOGGLE according to the state change of the RAMWR_B and
RAMWR_A bits, as shown in
Table 65. These bits are normally set by the USB97C201 upon completion of loading
the A or B SRAM buffer and are normally cleared by the firmware (except when Auto Transfer operation is enabled,
see Section 6.9.3).
Note that when both buffers are “full”, ie RAMWR_A and RAMWR_B status bits are BOTH set, that the
RAMWR_TOGGLE is not altered and that flow control is initiated on the input source. If this source is the SIE, it will
NYET or NAK further OUTs. If it is the ATA interface, nDAK will not be asserted in response to DRQ and data not
clocked in to the SRAM.
Table 65 – RAMWR_TOGGLE State Control
RAMWR_B
RAMWR_A
RAMWR_TOGGLE
COMMENT
0
0->1
0->1
A buffer filled; B buffer empty;
change to B buffer buffer
0->1
0
1->0
B buffer filled, A buffer empty;
change to A buffer buffer
1
0->1
No Change (0)
Both buffers filled; source flow
controlled.
0->1
1
No Change (1)
Both buffers filled; source flow
controlled
1->0
1
X->1
B buffer emptied; A buffer full;
change to A buffer buffer.
1
1->0
X->0
A buffer emptied; B buffer full;
change to A buffer buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com