전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2701-1 데이터시트(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 PS2701-1
상세설명  Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PS2701-1 데이터시트(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PS2701-1 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input
Output
Transmission
characteristics
VF
IF=5mA
1.1
1.4
V
IR
VR=5V
5
µA
Cin
V=0, f=1MHz
-
30
pF
ICEO
VCE=70V
100
nA
BVCEO
IC=0.1mA, IF=0
80
V
BVECO
IE=0.1mA, IF=0
7
V
CTR
IF=5mA, VCE=5V
50
100
300
%
VCE(sat)
IF=10mA, IC=2mA
0.3
V
RISO
40
DC1000V,
~60%R.H.
1x1011
Cf
V=0, f=1MHz
0.6
1.0
pF
CCE
V=0, f=1MHz
10
pF
CS
V=0, f=1MHz
0.8
pF
Fc
VCE=5V, IC=2mA,
RL=100Ω, -3dB
80
kHz
Switching time
Tr
VCE=5V, IC=2mA,
RL=100Ω
-
3
µs
Tf
5
µs
* CTR=IC/IF x 100%
CTR Classification table
Grading standard
Current conversion rate
(%)(IC/IF)
IF = 5mA, VCE = 5V, Ta = 25°C
Min
Type
Max
PS2701
M
50
-
150
P
150
-
300
L
200
-
350
K
300
-
450
LK
400
-
600
Photoelectric characteristics (Ta=25C)
UMW
PS2701-1
R
Model
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward voltage
Reverse current
Input capacitance
Collector dark current
Collector Emitter
Breakdown Voltage
Emitter collector
breakdown voltage
Current conversion ratio
Collector Emitter
Saturation Voltage Drop
Isolation resistance
Isolation capacitance
Collector Emitter capacitance
Input output capacitance
cut-off frequency
Rise time
Descent time
www.umw-ic.com
2
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com