전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2701-1 데이터시트(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 PS2701-1
상세설명  Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PS2701-1 데이터시트(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PS2701-1 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGE OUTLINE
Ordering imformation
Marking
"X"
:Grading standard
"YWW" :Year week number
UMW
PS2701-1
R
www.umw-ic.com
6
UTD Semiconductor Co.,Limited
Order Code
Package
Baseqty
Deliverymode
UMW PS2701-1-L
SOP-4
3000
Tape and reel



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com