전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2701-1 데이터시트(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

부품명 PS2701-1
상세설명  Current conversion ratio (CTR) range: 50~300% (IF =5mA ,VCE =5V)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
홈페이지  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

PS2701-1 데이터시트(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  PS2701-1 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. PS2701-1 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Summary
PS2701 is a small patch optoelectronic coupling device, su-
itable for surface mount production.
PS2701 is a optocoupler composed of a gallium arsenide led
and a phototransistor. Its volume is smaller
than dip. It is suitable for high-density surface mount applicati-
ons, such as programmable controllers.
 Current conversion ratio (CTR) range: 50~300%
IF =5mA ,VCE =5V)
 Input output isolation voltage (Viso=5000 Vrms)
 Collector Emitter Breakdown Voltage BVCEO≥80V
 Working temperature:-55~110°C
 UL -approved : UL 1577, File No .E 492440
 Accord with REACH and RoHS
 Switching power supply, smart meter
 Industrial control, measuring instruments
 Office equipment, such as photocopiers
 Household appliances, such as air conditioners, fans, water heaters, etc
Structural schematic diagram
Limit parameter (Ta=25C)
l
UMW
PS2701-1
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
1. Anode
2. Cathode
3. Emitter
4. Collector
3
4
1
2
Input
Output
IF
50
mA
IFP
1
A
VR
6
V
PD/°C
0.8
mW/℃
PD
80
mW/ch
Tj
125
PC
150
mW
IC
50
mA
VCEO
80
V
VECO
7
V
Tj
125
Ptot
200
mW
Viso
5000
Vrms
Topr
-55
~+110
Tstg
-55
~+150
Tsol
260(10s)
Parameter
Symbol
Condion
Unit
Total power consumption
Isolation voltage
working temperature
Storage temperature
welding temperature
Forward current
Forward pulse current
Reverse voltage
Power derating
Power waste
Junction temperature
Collector power consumption
Collector current
Collector Emitter Voltage
Emitter collector voltage
Junction temperature
Characteristic
Application


유사한 부품 번호 - PS2701-1

제조업체부품명데이터시트상세설명
logo
NEC
PS2701-1 NEC-PS2701-1 Datasheet
109Kb / 12P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2701-1 CEL-PS2701-1 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2701-1 RENESAS-PS2701-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
July 19, 2019
logo
California Eastern Labs
PS2701-1-A CEL-PS2701-1-A Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
PS2701-1-F3 CEL-PS2701-1-F3 Datasheet
404Kb / 14P
HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
More results

유사한 설명 - PS2701-1

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
TK10420 TOKO-TK10420 Datasheet
120Kb / 5P
DUAL CONVERSION FM IF AMPLIFER
logo
M/A-COM Technology Solu...
MAAM-009116 MA-COM-MAAM-009116 Datasheet
211Kb / 4P
High Dynamic Range IF Amplifier 50 - 1000 MHz
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
Single Color Low Current Type (IF=5mA)
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
Trigger Current (5mA MAX)
logo
Guangdong Juxing Electr...
JPC817 JUXING-JPC817 Datasheet
2Mb / 6P
Current conversion ratio (CTR: minimum 50% Working conditions I F = 5mA, V CE =
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
5mA~450mA Constant Current Regulator
logo
DONGGUAN YOU FENG WEI E...
ORPC-817 YFWDIODE-ORPC-817 Datasheet
980Kb / 5P
Current conversion ratio (CTR: min.50% working condition IF=5mA, VCE=5V
logo
Guangdong Youtai Semico...
UMW817C-S UMW-UMW817C-S Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
UMW817C UMW-UMW817C Datasheet
2Mb / 4P
Current Conversion Ratio (Min 50% Working Condition IF=5mA, VCE=5V)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com