전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320DM647 데이터시트(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
부품명 TMS320DM647
상세설명  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 데이터시트(HTML) 90 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 86Page - Texas Instruments TMS320DM647 Datasheet HTML 87Page - Texas Instruments TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 166 page
background image
www.ti.com
6.8 Interrupts
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
The C64x+ DSP interrupt controller combines device events into 12 prioritized interrupts. The source for
each of the 12 CPU interrupts is user programmable. Also, the interrupt controller controls the generation
of the CPU exception, NMI, and emulation interrupts and the generation of AEG events. Table 6-26
summarizes the C64x+ interrupt controller registers and memory locations. For more details on DSP
interrupt control, see TMS320DM647/DM648 DMP DSP Subsystem Reference Guide (literature number
SPRUEU6).
Table 6-25. DM647/DM648 DSP Interrupts
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
0
EVT0
Output of event combiner 0, for events 1 – 31
1
EVT1
Output of event combiner 1, for events 32 – 63
2
EVT2
Output of event combiner 2, for events 64 – 95
3
EVT33
Output of event combiner 3, for events 96 – 127
4-8
Reserved
9
EMU_DTDMA
ECM interrupt for:
•
Host scan access
•
DTDMA transfer complete
•
AET interrupt
10
Reserved
Reserved
11
EMU_RTDXRX
RTDX receive complete
12
EMU_RTDXTX
RTDX transmit complete
13
IDMA0 EMC
C64x+ EMC 0
14
IDMA1 EMC
C64x+ EMC 1
15
HINT
Host interrupt
16
I2CINT
I2C interrupt
17
Reserved
Reserved
18
AEASYNCERR
EMIFA Error Interrupt
19
TINT2L
Timer interrupt low
20
TINT2H
Timer interrupt high
21
TINT3L
Timer interrupt low
22
TINT3H
Timer interrupt high
23
PSCINT
PSC-ALLINT
24
TPCC_GINT
EDMA3 channel global completion interrupt
25
SPIINT0
SPI Interrupt
26
SPIINT1
SPI Interrupt
27
DSQINT
VICP – Sqr (DSP int)
28
IMXINT
VICP – IMX
29
VLCDINT
VICP - VLCD
30 -31
Reserved
32
RX_PULSE
Ethernet Subsystem RX pulse interrupt
33
RX_THRESH_PULSE
Ethernet Subsystem RX threshold interrupt
34
TX_PULSE
Ethernet Subsystem TX pulse interrupt
35
MISC_PULSE
Ethernet Subsystem MISC pulse interrupt
36
UART_INT
UART Interrupt
37
VP0_INT
VP0 Interrupt
38
VP1_INT
VP1 Interrupt
39
VP2_INT
VP2 Interrupt
Peripheral Information and Electrical Specifications
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More