전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/12 데이터시트(PDF) 14 Page - NXP Semiconductors

부품명 PCF8576CU/12
상세설명  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576CU/12 데이터시트(HTML) 14 Page - NXP Semiconductors

Back Button PCF8576CU/12 Datasheet HTML 10Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 11Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 12Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 13Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 14Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 15Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 16Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 17Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
1998 Jul 30
14
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
6.4.4
1 : 4 MULTIPLEX DRIVE MODE
When four backplanes are provided in the LCD, the 1 : 4 multiplex drive mode applies, as shown in Fig.9.
MBE543
2V
/3
op
Vop
state 1
0
BP0
(b) resultant waveforms
at LCD segment
LCD segments
state 2
Tframe
BP1
Vop
state 1
V
/3
op
2V
/3
op
V
/3
op
2V
/3
op
Vop
state 2
0
Vop
V
/3
op
2V
/3
op
V
/3
op
Sn 1
BP2
S n 2
Sn 3
(a) waveforms at driver
Sn
BP3
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
VDD
V
V
/3
DD
op
VLCD
V
2V
/3
DD
op
Fig.9 Waveforms for the 1 : 4 multiplex drive mode (Vop =VDD − VLCD).
V
state1 t
()
V
S
n
t
()
V
BP0 t
()
–
=
V
on(rms)
0.577V
op
=
V
state2 t
()
V
S
n
t
()
V
BP1 t
()
–
=
V
off(rms)
0.333V
op
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com