전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/12 데이터시트(PDF) 37 Page - NXP Semiconductors

부품명 PCF8576CU/12
상세설명  Universal LCD driver for low multiplex rates
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576CU/12 데이터시트(HTML) 37 Page - NXP Semiconductors

Back Button PCF8576CU/12 Datasheet HTML 33Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 34Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 35Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 36Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 37Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 38Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 39Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 40Page - NXP Semiconductors PCF8576CU/12 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
1998 Jul 30
37
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8576C
14 PACKAGE OUTLINES
UNIT
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
0.3
0.1
3.0
2.8
0.25
0.42
0.30
0.22
0.14
21.65
21.35
11.1
11.0
0.75
15.8
15.2
1.45
1.30
0.90
0.55
7
0
o
o
0.1
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
1.6
1.4
SOT190-1
96-04-02
97-08-11
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
y
56
29
28
1
pin 1 index
0.012
0.004
0.12
0.11
0.017
0.012
0.0087
0.0055
0.85
0.84
0.44
0.43
0.0295
2.25
0.089
0.62
0.60
0.057
0.051
0.035
0.022
0.004
0.2
0.008
0.004
0.063
0.055
0.01
0
5
10 mm
scale
VSO56: plastic very small outline package; 56 leads
SOT190-1
A
max.
3.3
0.13
Note
1. Plastic or metal protrusions of 0.3 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com