전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT41000-104 데이터시트(PDF) 8 Page - Qorvo, Inc

부품명 ACT41000-104
상세설명  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-104 데이터시트(HTML) 8 Page - Qorvo, Inc

Back Button ACT41000-104 Datasheet HTML 4Page - Qorvo, Inc ACT41000-104 Datasheet HTML 5Page - Qorvo, Inc ACT41000-104 Datasheet HTML 6Page - Qorvo, Inc ACT41000-104 Datasheet HTML 7Page - Qorvo, Inc ACT41000-104 Datasheet HTML 8Page - Qorvo, Inc ACT41000-104 Datasheet HTML 9Page - Qorvo, Inc ACT41000-104 Datasheet HTML 10Page - Qorvo, Inc ACT41000-104 Datasheet HTML 11Page - Qorvo, Inc ACT41000-104 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Discharge Resistance
RDIS
1.2
[1] See Main-buck Power-Good for details.
[2] See Under-Voltage Protection for details.
Timing Requirements
PARAMETER
SYMBOL
CONDiTION
MIN
TYP
MAX
UNIT
I
2
C BLOCK
SCL Clock Frequency
fSCL
(no internal time out)
0
1000
kHz
tLOW(SCL)
Logic-L level
0.5
SCL Pulse Width
tHIGH(SCL)
Logic-H level
0.26
µs
SDA Set-up Time
tSU(SDA)
50
ns
SDA Hold Time
tH(SDA)
0
ns
START Set-up Time
tSU(START)
260
ns
STOP Set-up Time
tSU(STOP)
260
ns
EN pin INPUT
EN Pulse Width
tLOW(EN)
Logic-L level
30
µs
SYNC pin INPUT
SYNC Frequency
Range
20kΩ < R
ADDR < 50kΩ
400
2500
kHz
SYNC Frequency
Accuracy
fSYNC
20kΩ < R
ADDR < 50kΩ, referring to the
frequency setpoint by RFREQ
75%
125%
SYNC Input Duty
DIN(SYNC)
20kΩ < R
ADDR < 50kΩ
40%
60%
Switching Characteristics
PVIN = VIN = 12 V, V5V = 5 V (external supply), EN = 5 V, TA =25°C, unless otherwise specified
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
BIAS BLOCK
Mini-Buck Switching
Frequency
fSW(V5V)
2.0
MHz
Mini-Buck Spread-
Spectrum Dithering
Range
[1]
fSPSP(V5V)
Frequency modulation range w.r.t. fSW(V5V)
value
±7%
Mini-Buck Spread-
Spectrum Cycle
NSPSP(V5V)
Number of TON cycles
32
cycle
Mini-Buck Soft-Start
Time
tSS(V5V)
"VIN = VIT(UVLO)" to "V5V = VIT(V5V)"
0.5
ms
Mini-Buck UVP Mask
Timer
tD(V5V,mask)
1
ms
Wait Timer before Error
Reset
tD(RESET)
100
ms
PGBIAS Delay
tD(PGBIAS)
"V5V = VIT(V5V)" to PGBIAS↑, target 3 ms
(Reg08[4:3] = 11)
-10%
3
10%
ms
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
8
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com