전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT41000-104 데이터시트(PDF) 26 Page - Qorvo, Inc

부품명 ACT41000-104
상세설명  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-104 데이터시트(HTML) 26 Page - Qorvo, Inc

Back Button ACT41000-104 Datasheet HTML 22Page - Qorvo, Inc ACT41000-104 Datasheet HTML 23Page - Qorvo, Inc ACT41000-104 Datasheet HTML 24Page - Qorvo, Inc ACT41000-104 Datasheet HTML 25Page - Qorvo, Inc ACT41000-104 Datasheet HTML 26Page - Qorvo, Inc ACT41000-104 Datasheet HTML 27Page - Qorvo, Inc ACT41000-104 Datasheet HTML 28Page - Qorvo, Inc ACT41000-104 Datasheet HTML 29Page - Qorvo, Inc ACT41000-104 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Mini-buck Regulator
Most of ACT41000 device circuit blocks are designed to operate under a 5 V supply from the V5V pin and this 5 V mini-buck
switching regulator generates the 5 V bias at the VO(V5V) target. The mini-buck employs an internally compensated, constant
ON time (COT) control.
The mini-buck supplies up to 350 mA of output current by step-down converting power from the VIN pin.
From the SW5V pin to the GND5V pin, a Mini-buck LC Output Filter is required. The output of this LC filter is connected to
the V5V pin.
Figure 48. Mini-buck Regulator with an LC Output Filter
The V5V pin is the supply of control circuits in the Main-buck Regulator and characterized at 5.0 V. The
device is designed to be functional down to the VUVP(V5V) threshold but near 4 V supply may not deliver its
full performance. A short event at the V5V pin may cause a potential damage.
Mini-buck Enable
The mini-buck regulator generates a fundamental 5 V bias supply of the entire device operation, by default, the Control
Logic state-machine enables the mini-buck as soon as both Under-Voltage Lock-Out and Over-Voltage Lock-Out are
released. And the mini-buck keeps ON all the time.
V5V, External 5V Supply
When there is a 5 V power supply always available in target systems, the mini-buck can be disabled by setting the I
2C
Reg09[1] to logic-L to save power loss from its switching.
Mini-buck Power-Good
Whether the mini-buck is enabled or disabled, there is a voltage comparator monitoring the V5V pin to the VIT(V5V) target.
See PGBIAS Indicator Output.
Mini-buck Soft-start
The mini-buck regulator executes a soft-start (slow-start) operation when enabled so to avoid in-rush current. This soft-
start time is specified by the tSS(V5V) parameter and the device sweep its internal reference voltage from 0% to 100% in the
tSS(V5V) period.
During this soft-start period, the mini-buck forces to use, so called, pulse-skip operation so to achieve smooth ramp up of
the output voltage and it ignores the I
2C Reg0F[5] setting.
Mini-buck Start-up into Pre-biased Output
The mini-buck supports a start-up into a pre-biased output without any huge discharge current from the output.
Without this feature, a regulator circuit may discharge huge amount of current from its output capacitance so to force the
output voltage closer to a reference voltage target of its soft-start operation during the internal reference voltage is lower
than the pre-biased output by starting from 0%.
See Mini-buck Soft-start.
By preventing its switching operation until the reference target of the soft-start reaches to its pre-biased level, the ACT41000
device avoids the discharge event and achieves a smooth ramp up of the 5 V bias.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
26
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com