전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACT41000-104 데이터시트(PDF) 10 Page - Qorvo, Inc

부품명 ACT41000-104
상세설명  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QORVO [Qorvo, Inc]
홈페이지  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000-104 데이터시트(HTML) 10 Page - Qorvo, Inc

Back Button ACT41000-104 Datasheet HTML 6Page - Qorvo, Inc ACT41000-104 Datasheet HTML 7Page - Qorvo, Inc ACT41000-104 Datasheet HTML 8Page - Qorvo, Inc ACT41000-104 Datasheet HTML 9Page - Qorvo, Inc ACT41000-104 Datasheet HTML 10Page - Qorvo, Inc ACT41000-104 Datasheet HTML 11Page - Qorvo, Inc ACT41000-104 Datasheet HTML 12Page - Qorvo, Inc ACT41000-104 Datasheet HTML 13Page - Qorvo, Inc ACT41000-104 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Typical Characteristic and Application Performance Curves
Figure 6. Output Noise Spectral Density by Output Current
Time-domain waveforms: Figure 8, Figure 9
Figure 7. Output Noise Spectral Density by Output Voltage
Time-domain waveforms: Figure 10, Figure 9, Figure 11
Figure 8. Output Ripple @ 10 W / 5 V
Frequency-domain waveform: Figure 7
Figure 9. Output Ripple @ 46 W / 24 V
Frequency-domain waveforms: Figure 7, Figure 6
Figure 10. Output Ripple @ 89 W / 24 V
Frequency-domain waveform: Figure 6
Figure 11. Output Ripple @ 24 W / 24 V
Frequency-domain waveform: Figure 6
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
10
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com