전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33889 데이터시트(PDF) 26 Page - Freescale Semiconductor, Inc

부품명 33889
상세설명  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 데이터시트(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INTRODUCTION
The device has four modes of operation, normal, stand-by,
sleep and stop modes. All modes are controlled by the SPI.
An additional temporary mode called “normal request mode”
is automatically accessed by the device (refer to state
machine) after wake-up events. Special mode and
configurations are possible for software application debug
and flash memory programming.
NORMAL MODE
In this mode both regulators are ON, and this corresponds
to the normal application operation. All functions are
available in this mode (watchdog, wake-up input reading
through the SPI, HS1 activation, and CAN communication).
The software watchdog is running and must be periodically
cleared through the SPI.
STANDBY MODE
Only the Regulator 1 is ON. Regulator 2 is turned OFF by
disabling the V2CTRL pin. The CAN cell is not available, as
powered from V2. Other functions are available: wake-up
input reading through the SPI and HS1 activation. The
watchdog is running.
SLEEP MODE
Regulators 1 and 2 are OFF. In this mode, the MCU is not
powered. The device can be awakened internally by cyclic
sense via the wake-up input pins and HS1 output, from the
forced wake function, the CAN physical interface, and the SPI
(CS pin).
STOP MODE
Regulator 2 is turned OFF by disabling the V2CTRL pin.
Regulator 1 is activated in a special low power mode which
allows it to deliver 2.0 mA. The objective is to supply the MCU
of the application while it is turned into a power saving
condition (i.e stop or wait mode).
Stop mode is entered through the SPI. Stop mode is
dedicated to powering the Microcontroller when it is in low
power mode (stop, pseudo stop, wait etc.). In these modes,
the MCU supply current is less than 1.0 mA. The MCU can
restart its software application very quickly without the
complete power up and reset sequence.
When the application is in stop mode (both MCU and
SBC), the application can wake-up from the SBC side (ex
cyclic sense, forced wake-up, CAN message, wake-up
inputs) or the MCU side (key wake-up etc.).
When Stop mode is selected by the SPI, stop mode
becomes active 20
µs after end of the SPI message. The “go
to stop” instruction must be the last instruction executed by
the MCU before going to low power mode.
In Stop mode, the Software watchdog can be “running” or
“not running” depending on the selection by the SPI. Refer to
the SPI description, RCR register bit WDSTOP. If the W/D is
enabled, the SBC must wake-up before the W/D time has
expired, otherwise a reset is generated. In stop mode, the
SBC wake-up capability is identical as in sleep mode.
STOP MODE: WAKE-UP FROM SBC SIDE, INT PIN
ACTIVATION
When an application is in stop mode, it can wake-up from
the SBC side. When a wake-up is detected by the SBC (CAN,
Wake-up input, forced wake-up, etc.), the SBC turns itself
into Normal request mode and activates the VDD1 main
regulator. When the main regulator is fully active, then the
wake-up is signalled to the MCU through the INT pin. The INT
pin is pulled low for 10
µs and then returns high. Wake-up
events can be read through the SPI registers.
STOP MODE: WAKE-UP FROM MCU SIDE
When the application is in stop mode, the wake-up event
may come to the MCU. In this case, the MCU has to signal to
the SBC that it has to go into Normal mode in order for the
VDD1 regulator to be able to deliver full current capability.
This is done by a low to high transition of the CS pin. The CS
pin low to high activation has to be done as soon as possible
after the MCU. The SBC generates a pulse at the INT pin.
Alternatively the L0 and L1 inputs can also be used as wake-
up from the Stop mode.
STOP MODE CURRENT MONITORING
If the current in Stop mode exceeds the IDD1S-WU
threshold, the SBC jumps into Normal request mode,
activates the VDD1 main regulator, and generates an
interrupt to the MCU. This interrupt is not maskable and a not
bit are set into the INT register.
SOFTWARE WATCHDOG IN STOP MODE
If the watchdog is enabled (register MCR, bit WDSTOP
set), the MCU has to wake-up independently of the SBC
before the end of the SBC watchdog time. In order to do this,
the MCU has to signal the wake-up to the SBC through the
SPI wake-up (CS pin low to high transition to activated the
SPI wake-up). Then the SBC wakes up and jumps into the
normal request mode. The MCU has to configure the SBC to
go to either into normal or standby mode. The MCU can then
choose to go back into stop mode.
If no MCU wake-up occurs within the watchdog timing, the
SBC will activate the reset pin and jump into the normal
request mode. The MCU can then be initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com