전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33889 데이터시트(PDF) 40 Page - Freescale Semiconductor, Inc

부품명 33889
상세설명  System Basis Chip with Low Speed Fault Tolerant CAN Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33889 데이터시트(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button 33889 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33889 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Analog Integrated Circuit Device Data
40
Freescale Semiconductor
33889
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
LOGIC COMMANDS AND REGISTERS
SPI INTERFACE
Figure 20. Data Format Description
The SPI is a 8 bit SPI. First 3 bits are used to identify the internal SBC register address, bit 4 is a read/write bit. The last 4 bits
are data send from MCU to SBC or read back from SBC to MCU.
During write operation state of MISO has no signification.
During read operation only the last 4 bits at MISO have a meaning (content of the accessed register)
Following tables describe the SPI register list, and register bit meaning.
Registers “reset value” is also described, as well as the “reset condition”. reset condition is the condition which cause the bit
to be set at the “reset value”.
Possible reset condition are:
Power On Reset: POR
SBC mode transition:
NR2R - Normal Request to Reset mode
NR2N - Normal Request to Normal mode
N2R - Normal to Reset mode
STB2R - Standby to Reset mode
STO2R - Stop to Reset mode
SBC mode:RESET - SBC in Reset mode
MOSI
MISO
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
D0
D1
D2
D3
R/W
A0
A1
A2
data
address
Read operation: R/W bit = 0
Write operation: R/W bit = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com