전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9516-0/PCBZ 데이터시트(PDF) 55 Page - Analog Devices

부품명 AD9516-0/PCBZ
상세설명  14-Output Clock Generator with Integrated 2.8 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9516-0/PCBZ 데이터시트(HTML) 55 Page - Analog Devices

Back Button AD9516-0/PCBZ Datasheet HTML 51Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 52Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 53Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-0/PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
AD9516-0
Rev. 0 | Page 55 of 84
CS
SCLK
SDIO
tHI
tLO
tCLK
tS
tDS
tDH
tC
BI N
BI N + 1
Figure 67. Serial Control Port Timing—Write
Table 50. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
Setup time between CS falling edge and SCLK rising edge (start of communication cycle)
tS
Setup time between SCLK rising edge and CS rising edge (end of communication cycle)
tC
tHI
Minimum period that SCLK should be in a Logic High state
tLO
Minimum period that SCLK should be in a Logic Low state
tDV
SCLK to valid SDIO and SDO (see Figure 65)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84