전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33989 데이터시트(PDF) 15 Page - Freescale Semiconductor, Inc

부품명 33989
상세설명  System Basis Chip with High-Speed CAN Transceiver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33989 데이터시트(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33989 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33989 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33989
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Figure 4. Wake-Up Block Diagram
The block diagram in Figure 4 illustrates how the wake-up
signal is generated. First the CAN signal is detected by a low
consumption receiver (WU receiver). Then the signal passes
through a pulse width filter which discards the undesired
pulses. The pulse must have a width bigger than 0.5 µs and
smaller than 500 µs to be accepted. When a pulse is
discarded the pulse counter is reset and no wake signal is
generated, otherwise when a pulse is accepted the pulse
counter is incremental and after three pulses the wake signal
is asserted.
Figure 5. Transient Test Pulse for L0:L3 Inputs
Each one of the pulses must be spaced by no more than
500 µs. In that case the pulse counter is reset and no wake
signal is generated. This is accomplished by the wake
timeout generator. The wake-up cycle is completed (and the
wake flag reset) when the CAN interface is brought to CAN
Normal mode.
The wake-up capability of the CAN can be disabled, refer
to SPI interface and register section, CAN register.
Figure 6. Transient Test Pulses for CANH/CANL
Non Differential Slew Rate (CANL or CANH)
Slew Rate 3
Slew Rate 2
Slew Rate 1
Slew Rate 0
tSL3
tSL2
tSL1
tSL0
4.0
3.0
2.0
1.0
19
13.5
8.0
5.0
40
20
15
10
V/µs
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
+
WU
OUT
Latch
RST
Timeout
RST
Counter
Pulse OK
Narrow
Pulse
Pulse Width
Filter
Timeout
Generator
Standby
WU Receiver
CANH
CANL
LX
Transient Pulse
GND
GND
Generator
1nF
(Note)
10 k
Note: Waveform in accordance to
ISO 7637 part1, test pulses 1, 2, 3a and 3b.
CANH
CANL
Transient Pulse
GND
GND
Generator
1nF
1nF
(Note)
Note: Waveform in accordance to
ISO 7637 part1, test pulses 1, 2, 3a and 3b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com