| 전자부품 데이터시트 검색엔진 |
|
MPC8260A 데이터시트(PDF) 33 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8260A 데이터시트(HTML) 33 Page - Freescale Semiconductor, Inc |
|
33 / 52 page ![]() MPC8260A PowerQUICC™ II Integrated Communications Processor Hardware Specifications, Rev. 1.1 Freescale Semiconductor 33 Pinout 4 Pinout This section provides the pin assignments and pinout list for the MPC826xA. 4.1 Pin Assignments Figure 13 shows the pinout of the MPC826xA’s 480 TBGA package as viewed from the top surface. Figure 13. Pinout of the 480 TBGA Package as Viewed from the Top Surface 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 19 20 21 22 23 24 25 26 27 28 29 Not to Scale 1 2 3 4 5 6 7 8 9 1011 121314 1516 17 18 1920 21 222324 25 26 27 2829 A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ A B C D E F G H J K L M N P R T U V W Y AA AB AC AD AE AF AG AH AJ |