| 전자부품 데이터시트 검색엔진 |
|
STPMIC25 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC25 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 145 page ![]() Symbol Parameter Test conditions Min. Typ. Max. Unit TWRN_Fall Warning temperature falling 95 105 120 °C TSHDN_Rise Shutdown temperature rising 140 150 160 °C TSHDN_Fall Shutdown temperature falling 105 115 130 °C tTSHDN_DLY Shutdown temperature falling delay 3 s tOCPDB_LDO LDO OCP turn-off delay 5 ms tOCPDB_BUCK BUCK OCP turn-off delay 5 ms tHICCUP_DLY Hiccup mode OFF delay Programmable value defined in NVM_BUCKS_IOUT_SHR2 NVM register 0 100 500 1000 ms tWD Watchdog timer Programmable value defined in the register 1 to 256 s Timer programming step 1 NVMEND NVM write cycles endurance Recommended maximum writing cycles (1) 10 Cycle VNVM_PROG NVM min voltage for write operation 3.8 V 1. NVM writing procedures must be performed under controlled electrical/environmental values. STPMIC25 Electrical and timing characteristics DS14278 - Rev 3 page 10/145 |