| 전자부품 데이터시트 검색엔진 |
|
SI3443DVPBF 데이터시트(PDF) 6 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
SI3443DVPBF 데이터시트(HTML) 6 Page - InterFET Corporation |
|
6 / 7 page ![]() Si3443DVPbF 6 www.irf.com TSOP-6 Part Marking Information TSOP-6 Package Outline W = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR W = (27-52) IF PRECEDED BY A LETT ER CODE TOP PART NUMBER W = WEEK Y = YEAR LOT F = IRF5801 (as shown here) indicates Lead-F ree. Note: A line above the work week A = S I3443DV B = IRF 5800 I = IRF 5805 D = IRF5851 E = IRF5852 K = IRF 5810 C = IRF5850 N = IRF5802 M = IRF5803 PART NUMBER CODE REFERENCE: L = IRF5804 J = IRF5806 8 2008 2 2002 02 YEAR 2001 Y 1 WORK 01 WEEK 5 2005 2003 2004 3 4 2006 2007 6 7 04 03 B W A C D C C 2003 29 2009 2010 9 0 25 24 26 Y YEAR 2001 2002 A B WEEK WORK 28 27 Y X Z W A B J 2009 F 2006 2004 2005 D E 2007 2008 G H 30 2010 K 51 50 D X Y DAT E CODE |