전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6920DBTR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 L6920DBTR
상세설명  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DBTR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button L6920DBTR Datasheet HTML 2Page - STMicroelectronics L6920DBTR Datasheet HTML 3Page - STMicroelectronics L6920DBTR Datasheet HTML 4Page - STMicroelectronics L6920DBTR Datasheet HTML 5Page - STMicroelectronics L6920DBTR Datasheet HTML 6Page - STMicroelectronics L6920DBTR Datasheet HTML 7Page - STMicroelectronics L6920DBTR Datasheet HTML 8Page - STMicroelectronics L6920DBTR Datasheet HTML 9Page - STMicroelectronics L6920DBTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Typical performance
L6920DB
6/16
4
Typical performance
Figure 2.
Efficiency vs output current @ VOUT = 3.3V
Figure 3.
Efficiency vs output current @ VOUT = 5V
Figure 4.
Start up voltage vs output current @ Vout = 5V & Vout = 3.3V
40
45
50
55
60
65
70
75
80
85
90
95
0.1
1
10
100
1000
Vin=2.4V
Vin=1.2V
L6920DB
Vout=3.3V
L=10µH
Cout=47µF
Cin=10µF
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Vin=3.6V
Vin=2.4V
Vin=1.2V
L6920DB
Vout=5V
L=10µH
Cout=47µF
Cin=10µF
VStart up vs . out put cur rent
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
0.1
1
10
100
1000
Out put cu rrent (mA)
VStart up v s. output current
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
0.1
1
10
100
1000
Output current (mA)
Vout =3.3V
Vout =5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16