전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6920DBTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6920DBTR
상세설명  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DBTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6920DBTR Datasheet HTML 5Page - STMicroelectronics L6920DBTR Datasheet HTML 6Page - STMicroelectronics L6920DBTR Datasheet HTML 7Page - STMicroelectronics L6920DBTR Datasheet HTML 8Page - STMicroelectronics L6920DBTR Datasheet HTML 9Page - STMicroelectronics L6920DBTR Datasheet HTML 10Page - STMicroelectronics L6920DBTR Datasheet HTML 11Page - STMicroelectronics L6920DBTR Datasheet HTML 12Page - STMicroelectronics L6920DBTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
L6920DB
Detailed description
9/16
Considering that current in the inductor is limited to 800mA, the maximum load current is
defined by the following relationship:
Equation 1
Where
ηis the efficiency and ILIM = 750mA
Of course, if ILOAD is greater than ILOAD_LIM the regulation is lost (Figure 8).
Figure 8.
No regulation C2 = Vout ; C3 = Inductor Current
5.2
Start-up
One of the key features of L6920DB is the startup at supply voltage down to 0.8V (please
see the diagram in Figure 4).
The device leaves the startup mode of operation as soon as Vout goes over 1.4V. During
startup, the synchronous switch is off and the energy is transferred to the load through its
intrinsic body diode.
The N-channel switches with a very low RDS(on) thanks to an internal charge pump used to
bias the power MOS gate. Because of this modified behavior, TON/TOFF times are
lengthened. Current limit and zero crossing detection are still available.
I
LOAD_LIM
V
in
V
out
-----------
I
LIM
T
OFF_MIN
V
out
V
in
–
2L
⋅
-------------------------
⋅
–
⎝⎠
⎛⎞
η
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16