전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6920DBTR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 L6920DBTR
상세설명  Synchronous rectifier step up converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920DBTR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button L6920DBTR Datasheet HTML 4Page - STMicroelectronics L6920DBTR Datasheet HTML 5Page - STMicroelectronics L6920DBTR Datasheet HTML 6Page - STMicroelectronics L6920DBTR Datasheet HTML 7Page - STMicroelectronics L6920DBTR Datasheet HTML 8Page - STMicroelectronics L6920DBTR Datasheet HTML 9Page - STMicroelectronics L6920DBTR Datasheet HTML 10Page - STMicroelectronics L6920DBTR Datasheet HTML 11Page - STMicroelectronics L6920DBTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Detailed description
L6920DB
8/16
So, in case of light load, the device works in PFM mode, as shown in Figure 8:
Figure 6.
PFM mode condition: Vout = 5V; Vbatt =1.5V ; C2 = Vout ; C3 = Inductor
Current
Figure 7 shows how the device works in case of heavy load.
Figure 7.
Heavy load conditions C2 = Vout; C3 = Inductor Current; Vout = 5V;
Vbatt=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16