| 전자부품 데이터시트 검색엔진 |
|
STM32F101X6 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F101X6 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 64 page ![]() STM32F101xx Pin descriptions 17/64 14 20 29 PA4/SPI1_NSS/ USART2_CK/ADC_IN4 I/O PA4 SPI1_NSS/USART2_CK(7)/ ADC_IN4 15 21 30 PA5/SPI1_SCK/ADC_IN5 I/O PA5 SPI1_SCK/ADC_IN5 16 22 31 PA6/SPI1_MISO/ADC_IN6/ TIM3_CH1 I/O PA6 SPI1_MISO/ADC_IN6/ TIM3_CH1(7) 17 23 32 PA7/SPI1_MOSI/ADC_IN7/ TIM3_CH2 I/O PA7 SPI1_MOSI/ADC_IN7/ TIM3_CH2(7) - 24 33 PC4/ADC_IN14 I/O PC4 ADC_IN14 - 25 34 PC5/ADC_IN15 I/O PC5 ADC_IN15 18 26 35 PB0/ADC_IN8/TIM3_CH3 I/O PB0 ADC_IN8/TIM3_CH3(7) 19 27 36 PB1/ADC_IN9/TIM3_CH4 I/O PB1 ADC_IN9/TIM3_CH4(7) 20 28 37 PB2/BOOT1 I/O FT PB2/BOOT1 - - 38 PE7 I/O FT PE7 - - 39 PE8 I/O FT PE8 - - 40 PE9 I/O FT PE9 - - 41 PE10 I/O FT PE10 - - 42 PE11 I/O FT PE11 - - 43 PE12 I/O FT PE12 - - 44 PE13 I/O FT PE13 - - 45 PE14 I/O FT PE14 - - 46 PE15 I/O FT PE15 21 29 47 PB10/I2C2_SCL USART3_TX I/O FT PB10 I2C2_SCL(5)/USART3_TX(5) (7) 22 30 48 PB11/I2C2_SDA USART3_RX I/O FT PB11 I2C2_SDA(5)/USART3_RX(5) (7) 23 31 49 VSS_1 SVSS_1 24 32 50 VDD_1 SVDD_1 25 33 51 PB12/SPI2_NSS/ I2C2_SMBAl/USART3_CK I/O FT PB12 SPI2_NSS(5) (7)/I2C2_SMBAl(5)/ USART3_CK(5) (7) 26 34 52 PB13/SPI2_SCK/ USART3_CTS I/O FT PB13 SPI2_SCK(5)(7)/USART3_CTS(5)(7) 27 35 53 PB14/SPI2_MISO/ USART3_RTS I/O FT PB14 SPI2_MISO(5)(7)/USART3_RTS(5)(7) 28 36 54 PB15/SPI2_MOSI I/O FT PB15 SPI2_MOSI(5) (7) - - 55 PD8 I/O FT PD8 Table 3. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Default alternate functions(3) |