전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 175 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 175 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 171Page - Microchip Technology PIC18F4331 Datasheet HTML 172Page - Microchip Technology PIC18F4331 Datasheet HTML 173Page - Microchip Technology PIC18F4331 Datasheet HTML 174Page - Microchip Technology PIC18F4331 Datasheet HTML 175Page - Microchip Technology PIC18F4331 Datasheet HTML 176Page - Microchip Technology PIC18F4331 Datasheet HTML 177Page - Microchip Technology PIC18F4331 Datasheet HTML 178Page - Microchip Technology PIC18F4331 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 173
PIC18F2331/2431/4331/4431
FIGURE 16-9:
QEI INPUTS WHEN SAMPLED BY THE FILTER (DIVIDE RATIO = 1:1)
FIGURE 16-10:
QEI MODULE RESET TIMING ON PERIOD MATCH
TCY
QEA Pin
TGD = 3 TCY
QEB Pin
QEA Input
QEB Input
Note 1: The module design allows a quadrature frequency of up to FQEI = FCY/16.
TQEI = 16 TCY(1)
QEB
QEA
UP/DOWN
IC2QEIF
POSCNT(1)
Count (+/-)
+1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1
MAXCNT
Q4(3)
Q1(4)
Q1(5)
Position
Counter Load
Forward
Reverse
Q1(5)
IC3DRIF
Note 2
Note 2
Note 1: POSCNT register is shown in QEI x4 Update mode (POSCNT increments on every rising and every falling edge of
QEA and QEB input signals). Asynchronous external QEA and QEB inputs are synchronized to TCY clock by the
input sampling FF in the noise filter (see Figure 16-14).
2: When POSCNT = MAXCNT, POSCNT is reset to ‘0’ on the next QEA rising edge. POSCNT is set to MAXCNT when
POSCNT = 0 (when decrementing), which occurs on the next QEA falling edge.
3: IC2QEIF is generated on Q4 rising edge.
4: Position counter is loaded with ‘0’ (which is a rollover event in this case) on POSCNT = MAXCNT.
5: Position counter is loaded with MAXCNT value (1527h) on underflow.
6: IC2QEIF must be cleared in software.
Note 6
Q4(3)
MAXCNT=1527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com