전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 194 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 194 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology PIC18F4331 Datasheet HTML 193Page - Microchip Technology PIC18F4331 Datasheet HTML 194Page - Microchip Technology PIC18F4331 Datasheet HTML 195Page - Microchip Technology PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 192
Preliminary
© 2007 Microchip Technology Inc.
17.4.4
INTERRUPTS IN DOUBLE UPDATE
MODE
This mode is available in Continuous Up/Down Count
mode. In the Double Update mode (PTMOD<1:0> = 11),
an interrupt event is generated each time the PTMR
register is equal to zero and each time the PTMR
matches with PTPER register. Figure 17-8 shows the
interrupts in Continuous Up/Down Count mode with
double updates.
The Double Update mode provides two additional
functions to the user in Center-Aligned mode.
1.
The control loop bandwidth is doubled because
the PWM duty cycles can be updated twice per
period.
2.
Asymmetrical center-aligned PWM waveforms
can be generated, which are useful for
minimizing output waveform distortion in certain
motor control applications.
FIGURE 17-8:
PWM TIME BASE INTERRUPT, CONTINUOUS UP/DOWN COUNT MODE WITH
DOUBLE UPDATES
Note:
Do not change PTMOD while PTEN is
active. It will yield unexpected results. To
change the PWM Timer mode of opera-
tion, first clear PTEN bit, load PTMOD with
required data and then set PTEN.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
PTMR
3FDh
3FEh
3FFh
3FEh
3FDh
1
Case 1: PTMR Counting Upwards
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
OSC1
PTMR
002h
001h
000h
001h
002h
1
Case 2: PTMR Counting Downwards
2
Note 1: Interrupt flag bit, PTIF, is sampled here (every Q1).
2: PWM Time Base Period register, PTPER, is loaded with the value 3FFh for this example.
1
1
PTIF bit
PTMR_INT_REQ
PTIF bit
PTMR_INT_REQ
A: PRESCALER = 1:1
PTDIR bit
PTDIR bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com