전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M25PX32-VMP6F 데이터시트(PDF) 26 Page - STMicroelectronics

부품명 M25PX32-VMP6F
상세설명  32-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PX32-VMP6F 데이터시트(HTML) 26 Page - STMicroelectronics

Back Button M25PX32-VMP6F Datasheet HTML 22Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 23Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 24Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 25Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 26Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 27Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 28Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 29Page - STMicroelectronics M25PX32-VMP6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Instructions
M25PX32
26/63
6.2
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 9) resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under the following conditions:
●
Power-up
●
Write Disable (WRDI) instruction completion
●
Write Status Register (WRSR) instruction completion
●
Write lo Lock Register (WRLR) instruction completion
●
Page Program (PP) instruction completion
●
Dual Input Fast Program (DIFP) instruction completion
●
Program OTP (POTP) instruction completion
●
Subsector Erase (SSE) instruction completion
●
Sector Erase (SE) instruction completion
●
Bulk Erase (BE) instruction completion
Figure 9.
Write Disable (WRDI) instruction sequence
C
DQ0
AI13732
S
DQ1
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63