전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4997 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 TS4997
상세설명  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 3Page - STMicroelectronics TS4997 Datasheet HTML 4Page - STMicroelectronics TS4997 Datasheet HTML 5Page - STMicroelectronics TS4997 Datasheet HTML 6Page - STMicroelectronics TS4997 Datasheet HTML 7Page - STMicroelectronics TS4997 Datasheet HTML 8Page - STMicroelectronics TS4997 Datasheet HTML 9Page - STMicroelectronics TS4997 Datasheet HTML 10Page - STMicroelectronics TS4997 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TS4997
Electrical characteristics
7/34
Table 6.
VCC = +2.7V, GND = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load, left and right channel active
6.2
8.1
mA
ISTBY
Standby current (1)
No input signal, VSTBYL = GND, VSTBYR = GND, RL = 8Ω
10
2000
nA
Voo
Output offset voltage
No input signal, RL = 8Ω
135
mV
Po
Output power
THD = 1% Max, F = 1kHz, RL = 8Ω
220
295
mW
THD + N
Total harmonic distortion + noise
Po = 200mWrms, G = 6dB, RL = 8Ω, 20Hz ≤ F ≤ 20kHz
0.5
%
PSRR
Power supply rejection ratio(2), inputs grounded
RL = 8Ω, G = 6dB, Cb = 1µF, Vripple = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
76
73
dB
CMRR
Common mode rejection ratio(3)
RL = 8Ω, G = 6dB, Cb = 1µF, Vincm = 200mVpp, 3D effect off
F = 217Hz
F = 1kHz
57
57
dB
SNR
Signal-to-noise ratio
A-weighted, G = 6dB, Cb = 1µF, RL = 8Ω, 3D effect off
(THD + N
≤ 0.5%, 20Hz < F < 20kHz)
102
dB
Crosstalk
Channel separation, RL = 8Ω, G = 6dB, 3D effect off
F = 1kHz
F = 20Hz to 20kHz
105
80
dB
VN
Output voltage noise, F = 20Hz to 20kHz, RL = 8Ω, G=6dB
Cb = 1µF, 3D effect off
Unweighted
A-weighted
15
10
μVrms
Gain
Gain value (RIN in kΩ)
V/V
tWU
Wake-up time (Cb = 1µF)
46
ms
tSTBY
Standby time (Cb = 1µF)
10
µs
ΦM
Phase margin at unity gain
RL = 8Ω, CL = 500pF
65
Degrees
GM
Gain margin
RL = 8Ω, CL = 500pF
15
dB
GBP
Gain bandwidth product
RL = 8Ω
1.5
MHz
1.
Standby mode is active when VSTBY is tied to GND.
2.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the sinusoidal signal superimposed upon VCC.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vincm)).
40k
Ω
R
IN
----------------
50k
Ω
R
IN
----------------
60k
Ω
R
IN
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com