전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4997 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 TS4997
상세설명  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 데이터시트(HTML) 4 Page - STMicroelectronics

  TS4997 Datasheet HTML 1Page - STMicroelectronics TS4997 Datasheet HTML 2Page - STMicroelectronics TS4997 Datasheet HTML 3Page - STMicroelectronics TS4997 Datasheet HTML 4Page - STMicroelectronics TS4997 Datasheet HTML 5Page - STMicroelectronics TS4997 Datasheet HTML 6Page - STMicroelectronics TS4997 Datasheet HTML 7Page - STMicroelectronics TS4997 Datasheet HTML 8Page - STMicroelectronics TS4997 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Absolute maximum ratings
TS4997
4/34
2
Absolute maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage (2)
2.
The magnitude of the input signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient
120
°C/W
Pd
Power dissipation
Internally limited
ESD
Human body model (3)
Digital pins STBYL, STBYR, 3D0, 3D1
3.
All voltage values are measured from each pin with respect to supplies.
2
1.5
kV
ESD
Machine model
200
V
Latch-up immunity
200
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 5.5
V
VICM
Common mode input voltage range
GND to VCC - 1V
V
VIL
3D0 - 3D1 maximum low input voltage
0.4
V
VIH
3D0 - 3D1 minimum high input voltage
1.3
V
VSTBY
Standby voltage input:
Device ON
Device OFF
1.3
≤ VSTBY ≤ VCC
GND
≤ VSTBY ≤0.4
V
RL
Load resistor
≥ 4
Ω
ROUT/GND Output resistor to GND (VSTBY = GND)
≥ 1MΩ
TSD
Thermal shutdown temperature
150
°C
Rthja
Thermal resistance junction to ambient
QFN16(1)
QFN16(2)
1.
When mounted on a 4-layer PCB with vias.
2.
When mounted on a 2-layer PCB with vias.
45
85
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com