전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4997 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TS4997
상세설명  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 데이터시트(HTML) 3 Page - STMicroelectronics

  TS4997 Datasheet HTML 1Page - STMicroelectronics TS4997 Datasheet HTML 2Page - STMicroelectronics TS4997 Datasheet HTML 3Page - STMicroelectronics TS4997 Datasheet HTML 4Page - STMicroelectronics TS4997 Datasheet HTML 5Page - STMicroelectronics TS4997 Datasheet HTML 6Page - STMicroelectronics TS4997 Datasheet HTML 7Page - STMicroelectronics TS4997 Datasheet HTML 8Page - STMicroelectronics TS4997 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TS4997
Typical application schematics
3/34
1
Typical application schematics
Figure 1 shows a typical application for the TS4997 with a gain of +6dB set by the input
resistors.
Figure 1.
Typical application schematics
Table 1.
External component descriptions
Components
Functional description
RIN
Input resistors that set the closed loop gain in conjunction with a fixed internal
feedback resistor (Gain = Rfeed/RIN, where Rfeed = 50kΩ).
CIN
Input coupling capacitors that block the DC voltage at the amplifier input
terminal. Thanks to common mode feedback, these input capacitors are
optional. However, if they are added, they form with RIN a 1st order high pass
filter with -3dB cut-off frequency (fcut-off = 1 / (2 x π x RIN x CIN)).
CS
Supply bypass capacitors that provides power supply filtering.
CB
Bypass pin capacitor that provides half supply filtering.
Cin1
330nF
Cb
1uF
Cs
1uF
Rin1
24k
Rin2
24k
1
2
4
3
14
12
11
9
10
BIAS
STBY
3D
EFFECT
LEFT
RIGHT
LI N-
RIN-
LI N+
RIN+
Bypass
GND
GND
LOUT-
LOUT+
ROUT-
ROUT+
-
+
+
-
Vcc
TS4997 - QFN16
Rin3
24k
Rin4
24k
Cin2
330nF
Cin3
330nF
Cin4
330nF
VCC
Left Speaker
8 Ohms
Right Speaker
8 Ohms
P1
Diff. input L-
P2
Diff. input L+
P3
Diff. input R-
P4
Diff. input R+
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com