| 전자부품 데이터시트 검색엔진 |
|
4571 데이터시트(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4571 데이터시트(HTML) 80 Page - Renesas Technology Corp |
|
80 / 126 page ![]() Rev.1.02 May 25, 2007 Page 80 of 124 REJ03B0179-0102 4571 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) RC (Reset Carry flag) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 01 10 2 00 6 16 110 - Opera- tion: (CY) ← 0 Grouping: Arithmetic operation Description: Clears (0) to carry flag CY. RCP (Reset Port C) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 1 000 11 00 2 28 C 16 11 - - Opera- tion: (C) ← 0 Grouping: Input/Output operation Description: Clears (0) to port C. RD (Reset port D specified by register Y) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 01 00 2 01 4 16 11 - - Opera- tion: (D(Y)) ← 0 However, (Y) = 0 to 4 Grouping: Input/Output operation Description: Clears (0) to a bit of port D specified by register Y. Note: (Y) = 0 to 4. Do not execute this instruction if values except above are set to register Y. RT (ReTurn from subroutine) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 100 01 00 2 04 4 16 12 - - Opera- tion: (PC) ← (SK(SP)) (SP) ← (SP) −1 Grouping: Return operation Description: Returns from subroutine to the routine called the subrou- tine. |