| 전자부품 데이터시트 검색엔진 |
|
4559 데이터시트(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 데이터시트(HTML) 87 Page - Renesas Technology Corp |
|
87 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 87 of 146 REJ03B0188-0104 4559 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) A n (Add n and accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 110 nn nn 2 06 n 16 1 1 - Overflow = 0 Opera- tion: (A) ← (A) + n n = 0 to 15 Grouping: Arithmetic operation Description: Adds the value n in the immediate field to register A, and stores a result in register A. The contents of carry flag CY remains unchanged. Skips the next instruction when there is no overflow as the result of operation. Executes the next instruction when there is overflow as the result of operation. AM (Add accumulator and Memory) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 10 10 2 00 A 16 11 - - Opera- tion: (A) ← (A)Å{(M(DP)) Grouping: Arithmetic operation Description: Adds the contents of M(DP) to register A. Stores the result in register A. The contents of carry flag CY remains unchanged. AMC (Add accumulator, Memory and Carry) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 000 10 11 2 00 B 16 11 0/1 - Opera- tion: (A) ← (A) + (M(DP)) + (CY) (CY) ← Carry Grouping: Arithmetic operation Description: Adds the contents of M(DP) and carry flag CY to register A. Stores the result in register A and carry flag CY. AND (logical AND between accumulator and memory) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 0 0 0 001 10 00 2 01 8 16 11 - - Opera- tion: (A) ← (A) AND (M(DP)) Grouping: Arithmetic operation Description: Takes the AND operation between the contents of register A and the contents of M(DP), and stores the result in regis- ter A. |