| 전자부품 데이터시트 검색엔진 |
|
4559 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 10 of 146 REJ03B0188-0104 4559 Group Fig 4. Port block diagram (2) XCIN/D6 (Note 2) S R Q RG2 1 0 XCOUT/D7 (Note 2) S R Q RG2 1 0 Quartz-crystal oscillation circuit Sub-clock input RG2 C/CNTR (Note 2) SCP instruction RCP instruction S R Q PWMOD D T Q R Timer 1 underflow signal W41 W12 W10 W11 Clock input for timer 1 event count Notes 1. This symbol represents a parasitic diode on the port. 2. Applied potential to these ports must be VDD or less. Register Y Decoder SD instruction RD instruction CLD instruction (Note 1) (Note 1) Register Y Decoder SD instruction RD instruction CLD instruction (Note 1) (Note 1) (Note 1) (Note 1) |