| 전자부품 데이터시트 검색엔진 |
|
PIC16F917-E/ML 데이터시트(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917-E/ML 데이터시트(HTML) 53 Page - Microchip Technology |
|
53 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 51 PIC16F913/914/916/917/946 3.2.1.7 RA6/OSC2/CLKOUT/T1OSO Figure 3-7 shows the diagram for this pin. The RA6 pin is configurable to function as one of the following: • a general purpose I/O • a crystal/resonator connection • a clock output • a Timer1 oscillator connection FIGURE 3-7: BLOCK DIAGRAM OF RA6 CLKOUT (FOSC/4) FOSC = 1x1 RD PORTA TTL Input Buffer Data Bus WR PORTA WR TRISA FOSC = 00x, 010 FOSC = 00x, 010 I/O Pin Oscillator Circuit From OSC1 RD TRISA 0 1 Q D Q CK Data Latch Q D Q CK TRIS Latch or T1OSCEN or T1OSCEN VDD VSS |