| 전자부품 데이터시트 검색엔진 |
|
PIC16F917-E/ML 데이터시트(PDF) 84 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917-E/ML 데이터시트(HTML) 84 Page - Microchip Technology |
|
84 / 330 page ![]() PIC16F913/914/916/917/946 DS41250F-page 82 © 2007 Microchip Technology Inc. 3.8.1 PIN DESCRIPTIONS AND DIAGRAMS Each PORTF pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions, refer to the appropriate section in this data sheet. 3.8.1.1 RF0/SEG32 Figure 3-29 shows the diagram for this pin. The RF0 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.2 RF1/SEG33 Figure 3-29 shows the diagram for this pin. The RF1 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.3 RF2/SEG34 Figure 3-29 shows the diagram for this pin. The RF2 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.4 RF3/SEG35 Figure 3-29 shows the diagram for this pin. The RF3 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.5 RF4/SEG28 Figure 3-29 shows the diagram for this pin. The RF4 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.6 RF5/SEG29 Figure 3-29 shows the diagram for this pin. The RF5 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.7 RF6/SEG30 Figure 3-29 shows the diagram for this pin. The RF6 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD 3.8.1.8 RF7/SEG31 Figure 3-29 shows the diagram for this pin. The RF7 pin is configurable to function as one of the following: • a general purpose I/O • an analog output for the LCD |