전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F917-E/ML 데이터시트(PDF) 74 Page - Microchip Technology

부품명 PIC16F917-E/ML
상세설명  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/ML 데이터시트(HTML) 74 Page - Microchip Technology

Back Button PIC16F917-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F917-E/ML Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 72
© 2007 Microchip Technology Inc.
3.6.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTD pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the Comparator or the ADC, refer to the
appropriate section in this data sheet.
3.6.1.1
RD0/COM3
Figure 3-22 shows the diagram for this pin. The RD0
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.6.1.2
RD1
Figure 3-23 shows the diagram for this pin. The RD1
pin is configurable to function as one of the following:
• a general purpose I/O
3.6.1.3
RD2/CCP2
Figure 3-24 shows the diagram for this pin. The RD2
pin is configurable to function as one of the following:
• a general purpose I/O
• a Capture input, Compare output or PWM output
3.6.1.4
RD3/SEG16
Figure 3-25 shows the diagram for this pin. The RD3
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.6.1.5
RD4/SEG17
Figure 3-25 shows the diagram for this pin. The RD4
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.6.1.6
RD5/SEG18
Figure 3-25 shows the diagram for this pin. The RD5
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.6.1.7
RD6/SEG19
Figure 3-25 shows the diagram for this pin. The RD6
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.6.1.8
RD7/SEG20
Figure 3-25 shows the diagram for this pin. The RD7
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More