전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX1219DBVRQ1 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMUX1219DBVRQ1
상세설명  TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX1219DBVRQ1 데이터시트(HTML) 3 Page - Texas Instruments

  TMUX1219DBVRQ1 Datasheet HTML 1Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 2Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 3Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 4Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 5Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 6Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 7Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 8Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
4 Pin Configuration and Functions
1
SEL
6
S2
2
VDD
5
D
3
GND
4
S1
Not to scale
Product Preview
Figure 4-1. DBV Package 6-Pin SOT-23 Top View
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SEL
1
I
Select pin: controls state of the switch according to Table 7-1. (Logic Low = S1 to D, Logic High = S2 to D)
VDD
2
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation, connect
a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
GND
3
P
Ground (0 V) reference
S1
4
I/O
Source pin 1. Can be an input or output.
D
5
I/O
Drain pin. Can be an input or output.
S2
6
I/O
Source pin 2. Can be an input or output.
(1)
I = input, O = output, I/O = input and output, P = power
www.ti.com
TMUX1219-Q1
SCDS480 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX1219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com