전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX1219DBVRQ1 데이터시트(PDF) 13 Page - Texas Instruments

부품명 TMUX1219DBVRQ1
상세설명  TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX1219DBVRQ1 데이터시트(HTML) 13 Page - Texas Instruments

Back Button TMUX1219DBVRQ1 Datasheet HTML 9Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 10Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 11Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 12Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 13Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 14Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 15Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 16Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
5.9 Typical Characteristics
at TA = 25°C, VDD = 5 V (unless otherwise noted)
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VDD = 1.08V
VDD = 1.62 V
VDD = 3 V
VDD = 4.5 V
D001
TA = 25°C
Figure 5-1. On-Resistance vs Source or Drain
Voltage
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
TA = 25qC
TA = 125qC
TA = 85qC
TA = -40qC
D002
VDD = 3 V
Figure 5-2. On-Resistance vs Source or Drain
Voltage
Logic Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
100
200
300
400
500
VDD = 5 V
VDD = 3.3 V
D003
TA = 25°C
Figure 5-3. Supply Current vs Logic Voltage
VDD - Supply Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
0
5
10
15
20
25
30
Rising
Falling
D004
TA = 25°C
Figure 5-4. Ttransition vs Supply Voltage
Frequency (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100k
1M
10M
100M
D005
TA = 25°C
Figure 5-5. Crosstalk and Off-Isolation vs
Frequency
Frequency (Hz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
D006
TA = 25°C
Figure 5-6. Frequency Response
www.ti.com
TMUX1219-Q1
SCDS480 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX1219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com