전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX1219DBVRQ1 데이터시트(PDF) 21 Page - Texas Instruments

부품명 TMUX1219DBVRQ1
상세설명  TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX1219DBVRQ1 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TMUX1219DBVRQ1 Datasheet HTML 17Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 18Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 19Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 20Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 21Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 22Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 23Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 24Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
8.2.1.2 Detailed Design Procedure
The application shown in Figure 8-1 demonstrates how to use a single control input and toggle between gain
settings of -1 and +1. If switching between inverting and unity gain is not required, the TMUX1219-Q1 can
be utilized in the feedback path to select different feedback resistors and provide scalable gain settings for
configurable signal conditioning.
The TMUX1219-Q1 can be operated without any external components except for the supply decoupling
capacitors. The select pin is recommended to have a weak pull-down or pull-up resistor to ensure the input is in
a known state. All inputs to the switch must fall within the recommend operating conditions of the TMUX1219-Q1
including signal range and continuous current. For this design with a supply of 2.75 V the signal range can be 0
V to 2.75 V and the max continuous current can be 30 mA.
8.2.1.3 Application Curve
Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
20
40
60
80
VDD = 1.08V
VDD = 1.62 V
VDD = 3 V
VDD = 4.5 V
D001
TA = 25°C
Figure 8-2. On-Resistance vs Source or Drain Voltage
8.2.2 Input Control for Power Amplifier
Another application of the TMUX1219-Q1 is for input control of a power amplifier. Utilizing a switch allows a
system to control when the DAC is connected to the power amplifier, and can stop biasing the power amplifier by
switching the gate to GND. Figure 8-3 shows the TMUX1219-Q1 configured for control of the power amplifier.
RF Output
TMUX1219
SEL
1.8 V
DAC
0 V
5 V
RF Input
Figure 8-3. Input Control of Power Amplifier
www.ti.com
TMUX1219-Q1
SCDS480 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com