전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PWD5T60 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 PWD5T60
상세설명  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 17Page - STMicroelectronics PWD5T60 Datasheet HTML 18Page - STMicroelectronics PWD5T60 Datasheet HTML 19Page - STMicroelectronics PWD5T60 Datasheet HTML 20Page - STMicroelectronics PWD5T60 Datasheet HTML 21Page - STMicroelectronics PWD5T60 Datasheet HTML 22Page - STMicroelectronics PWD5T60 Datasheet HTML 23Page - STMicroelectronics PWD5T60 Datasheet HTML 24Page - STMicroelectronics PWD5T60 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
8.2
Suggested footprint
The PWD5T60 footprint for the PCB layout is usually defined based on several design factors as assembly plant
technology capabilities and board component density.
For easy device usage and evaluation, ST provides the following footprint design, which is suitable for the largest
variety of PCBs.
Figure 17. Suggested footprint (top view)
PWD5T60
Package information
DS14558 - Rev 2
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27