전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8416 데이터시트(PDF) 16 Page - Cirrus Logic

부품명 CS8416
상세설명  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 데이터시트(HTML) 16 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 12Page - Cirrus Logic CS8416_07 Datasheet HTML 13Page - Cirrus Logic CS8416_07 Datasheet HTML 14Page - Cirrus Logic CS8416_07 Datasheet HTML 15Page - Cirrus Logic CS8416_07 Datasheet HTML 16Page - Cirrus Logic CS8416_07 Datasheet HTML 17Page - Cirrus Logic CS8416_07 Datasheet HTML 18Page - Cirrus Logic CS8416_07 Datasheet HTML 19Page - Cirrus Logic CS8416_07 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
DS578F3
CS8416
3. PIN DESCRIPTION - HARDWARE MODE
3.1
TSSOP Pin Description
Pin Name
Pin #
Pin Description
VA
6
Analog Power (Input) - Analog power supply. Nominally +3.3 V. This supply should have as little
noise as possible since noise on this pin will directly affect the jitter performance of the recovered
clock
VD
23
Digital Power (Input) – Digital core power supply. Nominally +3.3 V
VL
21
Logic Power (Input) – Input/Output power supply. Nominally +3.3 V or +5.0 V
AGND
7
Analog Ground (Input) - Ground for the analog circuitry in the chip. AGND and DGND should be
connected to a common ground area under the chip.
DGND
22
Digital & I/O Ground (Input) - Ground for the I/O and core logic. AGND and DGND should be con-
nected to a common ground area under the chip.
RST
9
Reset (Input) - When RST is low, the CS8416 enters a low power mode and all internal states are
reset. On initial power up, RST must be held low until the power supply is stable, and all input clocks
are stable in frequency and phase.
FILT
8
PLL Loop Filter (Output) - An RC network should be connected between this pin and analog
ground.
For minimum PLL jitter, return the ground end of the filter network directly to AGND. See “PLL Filter”
on page 53 for more information on the PLL and the external components.
RXP0
RXP1
RXP2
RXP3
4
3
2
1
Positive AES3/SPDIF Input (Input) - Single-ended or differential receiver inputs carrying AES3 or
S/PDIF encoded digital data. The RXP[3:0] inputs comprise the 4:2 S/PDIF Input Multiplexer. The
select line control is accessed using the RXPSEL[1:0] pins. Unused multiplexer inputs should be left
floating or tied to AGND. See “External AES3/SPDIF/IEC60958 Receiver Components” on page 49
for recommended input circuits.
RXN
5
Negative AES3/SPDIF Input (Input) - Single-ended or differential receiver input carrying AES3 or
S/PDIF encoded digital data. Used along with RXP[3:0] to form an AES3 differential input. In single-
ended operation this should be AC coupled to ground through a capacitor. See “External
AES3/SPDIF/IEC60958 Receiver Components” on page 49 for recommended input circuits.
RXP3
OLRCK
RXP2
OSCLK
RXP1
SDOUT
RXP0
OMCK
RXN
RMCK
VA
VD
AGND
DGND
FILT
VL
RST
TX
RXSEL1
C
RXSEL0
U
TXSEL1
RCBL
TXSEL0
96KHZ
NV / RERR
AUDIO
1
2
3
4
5
6
7
821
22
23
24
25
26
27
28
9
10
11
12
17
18
19
20
13
14
15
16
Top-Down View
28-pin SOIC/TSSOP
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com