전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8416 데이터시트(PDF) 42 Page - Cirrus Logic

부품명 CS8416
상세설명  192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8416 데이터시트(HTML) 42 Page - Cirrus Logic

Back Button CS8416_07 Datasheet HTML 38Page - Cirrus Logic CS8416_07 Datasheet HTML 39Page - Cirrus Logic CS8416_07 Datasheet HTML 40Page - Cirrus Logic CS8416_07 Datasheet HTML 41Page - Cirrus Logic CS8416_07 Datasheet HTML 42Page - Cirrus Logic CS8416_07 Datasheet HTML 43Page - Cirrus Logic CS8416_07 Datasheet HTML 44Page - Cirrus Logic CS8416_07 Datasheet HTML 45Page - Cirrus Logic CS8416_07 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
DS578F3
CS8416
14.11 Receiver Channel Status (0Ah)
The bits in this register can be associated with either channel A or B of the received data. The desired chan-
nel is selected with the CHS bit of the Control1 register.
AUX3:0
- Incoming auxiliary data field width, as indicated by the incoming channel status bits, decoded ac-
cording to IEC60958 and AES3.
0000 - Auxiliary data is not present.
0001 - Auxiliary data is 1 bit long.
0010 - Auxiliary data is 2 bits long.
0011 - Auxiliary data is 3 bits long.
0100 - Auxiliary data is 4 bits long.
0101 - Auxiliary data is 5 bits long.
0110 - Auxiliary data is 6 bits long.
0111 - Auxiliary data is 7 bits long.
1000 - Auxiliary data is 8 bits long.
1001 - 1111 Reserved
PRO
- Channel status block format indicator
0 - Received channel status block is in the consumer format.
1 - Received channel status block is in the professional format.
COPY
- SCMS copyright indicator
0 - Copyright asserted.
1 - Copyright not asserted. If the category code is set to General in the incoming AES3 stream, copyright
will always be indicated by COPY, even when the stream indicates no copyright.
ORIG
- SCMS generation indicator, decoded from the category code and the L bit.
0 - Received data is 1st generation or higher.
1 - Received data is original.
Note:
COPY
and ORIG will both be set to 1 if incoming data is flagged as professional or if the receiver
is not in use.
EMPH
– Indicates whether the input audio data has been pre-emphasized. Also indicates turning on of the
de-emphasis filter during de-emphasis auto-select mode.
0 – 50
μs/15 μs pre-emphasis indicated.
1 – 50
μs/15 μs pre-emphasis not indicated.
14.12 Format Detect Status (0Bh)
Note:
PCM, DTS_LD, DTS_CD and IEC61937 are mutually exclusive. A ‘1’ indicated the condition
was detected.
PCM
– Uncompressed PCM data was detected.
IEC61937
– IEC61937 data was detected.
DTS_LD
– DTS_LD data was detected.
76543210
AUX3
AUX2
AUX1
AUX0
PRO
COPY
ORIG
EMPH
76543210
0
PCM
IEC61937
DTS_LD
DTS_CD
Reserved
DGTL_SIL
96KHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com